Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV6501C001 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VV6501C001
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501C001 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VV6501C001 Datasheet HTML 19Page - STMicroelectronics VV6501C001 Datasheet HTML 20Page - STMicroelectronics VV6501C001 Datasheet HTML 21Page - STMicroelectronics VV6501C001 Datasheet HTML 22Page - STMicroelectronics VV6501C001 Datasheet HTML 23Page - STMicroelectronics VV6501C001 Datasheet HTML 24Page - STMicroelectronics VV6501C001 Datasheet HTML 25Page - STMicroelectronics VV6501C001 Datasheet HTML 26Page - STMicroelectronics VV6501C001 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
23/60
VV6501
Functional Description
3.2.2
Audio amplifier key features
q
Very high PSRR micro bias reference due to bandgap from the 3.3V regulated supply, as well
as RC network for LF filtering in the audio bandwidth.
q
Fully differential low-noise amplifier with gain control via serial IF (0dB to +42dB in 6dB steps).
Up to 1.8Vpp dynamic range on AUDOUTP and AUDOUTN
Figure 18: VV6501 audio amplifier in typical application
Electret
Mic
Cc
220nF
Cc
220nF
x1.3
buffer
50K
50K
differential ADC
Audio
regulator
input
stage
STV0674
1
LNA
AUD3V3
AUDREF
MICBIAS
MICIN
Gain[2:0]
0:42dB
pd
V5V
AUDOUTP
AUDOUTN
R
Cin
470nF
AUD3V3
100nF
2.2uF
Audio
Power management
Audio
bandgap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com