Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL8NH3LL Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL8NH3LL
Description  N-channel 30V - 0.012ohm - 8A - PowerFLAT Ultra low gate charge STripFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8NH3LL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL8NH3LL Datasheet HTML 4Page - STMicroelectronics STL8NH3LL Datasheet HTML 5Page - STMicroelectronics STL8NH3LL Datasheet HTML 6Page - STMicroelectronics STL8NH3LL Datasheet HTML 7Page - STMicroelectronics STL8NH3LL Datasheet HTML 8Page - STMicroelectronics STL8NH3LL Datasheet HTML 9Page - STMicroelectronics STL8NH3LL Datasheet HTML 10Page - STMicroelectronics STL8NH3LL Datasheet HTML 11Page - STMicroelectronics STL8NH3LL Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STL8NH3LL
10/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.02
0.05
0.0007
0.0019
A3
0.20
0.0007
b
0.23
0.30
0.38
0.009
0.011
0.015
C
0.328
0.012
C1
0.12
0.004
D3.30
0.13
D2
2.50
2.65
2.75
0.098
0.104
0.108
E3.30
0.13
E2
1.25
1.40
1.50
0.049
0.055
0.059
F
1.325
0.052
F1
0.975
0.038
G
0.850
0.033
G1
0.250
0.009
PowerFLAT™ (3.3 x 3.3) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com