Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN4NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN4NF03L
Description  N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STN4NF03L Datasheet HTML 1Page - STMicroelectronics STN4NF03L Datasheet HTML 2Page - STMicroelectronics STN4NF03L Datasheet HTML 3Page - STMicroelectronics STN4NF03L Datasheet HTML 4Page - STMicroelectronics STN4NF03L Datasheet HTML 5Page - STMicroelectronics STN4NF03L Datasheet HTML 6Page - STMicroelectronics STN4NF03L Datasheet HTML 7Page - STMicroelectronics STN4NF03L Datasheet HTML 8Page - STMicroelectronics STN4NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2006
Rev 4
1/12
12
STN4NF03L
N-channel 30V - 0.039
Ω - 6.5A - SOT-223
STripFET™ II Power MOSFET
General features
■ Low threshold drive
Description
This Power Mosfet is the latest development of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalance
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STN4NF03L
30V
<0.05
Ω
6.5A
SOT-223
1
2
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STN4NF03L
N4NF03L
SOT-223
Tape & reel


Similar Part No. - STN4NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
232Kb / 12P
N-channel 30 V - 0.039 Ω - 6.5 A - SOT-223 STripFET??II Power MOSFET
11-Dec-2007
logo
VBsemi Electronics Co.,...
STN4NF03L VBSEMI-STN4NF03L Datasheet
982Kb / 8P
N-Channel 30 V (D-S) MOSFET
logo
STMicroelectronics
STN4NF03L STMICROELECTRONICS-STN4NF03L_07 Datasheet
232Kb / 12P
N-channel 30 V - 0.039 Ω - 6.5 A - SOT-223 STripFET??II Power MOSFET
11-Dec-2007
More results

Similar Description - STN4NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
Oct-2001
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Nov-2002
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com