Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN888 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN888
Description  HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN888 Datasheet(HTML) 3 Page - STMicroelectronics

  STN888 Datasheet HTML 1Page - STMicroelectronics STN888 Datasheet HTML 2Page - STMicroelectronics STN888 Datasheet HTML 3Page - STMicroelectronics STN888 Datasheet HTML 4Page - STMicroelectronics STN888 Datasheet HTML 5Page - STMicroelectronics STN888 Datasheet HTML 6Page - STMicroelectronics STN888 Datasheet HTML 7Page - STMicroelectronics STN888 Datasheet HTML 8Page - STMicroelectronics STN888 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STN888
2 Electrical Characteristics
3/9
2
Electrical Characteristics
(TCASE = 25°C; unless otherwise specified)
Table 3.
Electrical Characteristics
Note: 1 Pulsed duration = 300
μs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off Current
(IE = 0)
VCB = -30V
VCB = -30V
____TC = 100°C
-10
-100
μA
μA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -6V
-10
μA
V(BR)CEO
Note: 1
Collector-Emitter
Breakdown Voltage (IB = 0)
IC = -10mA
-30
V
V(BR)CBO
Collector-Base
Breakdown Voltage (IE = 0)
IC = -100μA
-45
V
V(BR)EBO
Emitter-Base
Breakdown Voltage (IC = 0)
IE = -100μA
-6
V
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = -500mA_____ IB = -5mA
IC = -2A_____
IB = -50mA
IC = -5A_____
IB = -250mA
IC = -6A_
____ IB = -250mA
IC = -8A _____
IB = -400mA
IC = -10A ___
__ IB = -500mA
-0.7
-1.0
-1.2
-0.15
-0.35
-0.70
V
V
V
V
V
V
VBE(sat)
Note: 1
Base-Emitter Saturation Voltage
IC = -2A ____
IB = -50mA
IC = -6A ____
IB = -250mA
-1.2
-1.1
V
V
hFE
Note: 1
DC Current Gain
IC = -10mA
VCE = -1 V 120
200
IC = -500mA
VCE = -1 V 100
200
300
IC = -5 A
VCE = -1 V 70
100
IC = -5 A VCE = -1 V tj = 100°C
100
IC = -8 A
VCE = -1 V
55
IC = -10 A
VCE = -1 V
35
td
tr
ts
tf
INDUCTIVE LOAD
Delay Time
Rise Time
Storage Time
Fall Time
IC = -3A ____ _
VCC = -20V
IB1 = -IB2 =-60mA
(see Figure 7)
180
160
250
80
220
210
300
100
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com