Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP101GRI Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 34Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 35Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 36Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 37Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 38Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 39Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
IP101G
Data Sheet
36/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
MII page4 register16
page
MII
ROM R/W
Description
Default
16[15]
R/W WOL_PLUS_EN
WOL+ enable function.
Set high to enable WOL+ function.
1=Enable
0=Disable
0
16[14]
R/W WOL_PLUS_MASTER
WOL+ master mode setting.
This bit is used to select WOL+ either master mode or slave
mode.
1=WOL+ Master mode
0=WOL+ Slave mode
1
16[13]
R/W INTR_ACT_HIGH
Interrupt active high.
This bit is used to select the active level either high or low of
interrupt pin.
1=Pin "INTR" is set to output type and active high.
0=Pin "INTR" is set to open drain type and active low.
0
16[12]
R/W Reserved
1
16[11]
R/W SENSE_MAGIC_PKT
Sense Magic Packet.
Set high to enable WOL+ interrupt when magic packet is
receiving.
1=Enable
0=Disable
1
16[10]
R/W SENSE_ANY_PKT
Sense Any Packet.
Set high to enable WOL+ interrupt when any good CRC packet
is receiving.
1=Enable
0=Disable
1
16[9]
R/W SENSE_DUT
Sense DUT.
Set high to enable wake up event detection (magic packet, any
packet) of corresponding port.
1=Enable
0=Disable
1
16[8]
R/W WOL_PLUS_DNSPD_EN
WOL+ Down Speed Enable.
Set high to enable WOL+ down speed function
1=Enable
0=Disable
1
4
16[7:6]
R/W WOL_PLUS_TIMER_SEL
WOL+ Timer Select,
2’b00 = 30 seconds.
2’b01 = 3 minutes.
2’b10 = Reserved for internal test used.
2’b11 = 10 minutes.
2’b01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com