Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAP025C Datasheet(PDF) 3 Page - ON Semiconductor

Part # DAP025C
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP025C Datasheet(HTML) 3 Page - ON Semiconductor

  DAP025C Datasheet HTML 1Page - ON Semiconductor DAP025C Datasheet HTML 2Page - ON Semiconductor DAP025C Datasheet HTML 3Page - ON Semiconductor DAP025C Datasheet HTML 4Page - ON Semiconductor DAP025C Datasheet HTML 5Page - ON Semiconductor DAP025C Datasheet HTML 6Page - ON Semiconductor DAP025C Datasheet HTML 7Page - ON Semiconductor DAP025C Datasheet HTML 8Page - ON Semiconductor DAP025C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
3
ORDERING INFORMATION
Delta Device
ON Semiconductor Device
Frequency
Brown−
Out
Short−
Circuit
Package
Shipping†
DAP018ADR2G
SCY99079ADR2G
65 kHz
No
Auto−
Recovery
SOIC−14
(Pb−Free)
2500 / Tape & Reel
DAP018BDR2G
SCY99079BDR2G
65 kHz
Yes
Auto−
Recovery
SOIC−14
(Pb−Free)
2500 / Tape & Reel
DAP018CDR2G
SCY99079CDR2G
100 kHz
No
Auto−
Recovery
SOIC−14
(Pb−Free)
2500 / Tape & Reel
DAP018DDR2G
SCY99079DDR2G
100 kHz
Yes
Auto−
Recovery
SOIC−14
(Pb−Free)
2500 / Tape & Reel
DAP018FDR2G
SCY99079FDR2G
65 kHz
Yes
Latched
SOIC−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com