Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5253-1GDPR5 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5253-1GDPR5
Description  3.0 A LDO 5?뭁in Adjustable Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253-1GDPR5 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5253-1GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 8Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 9Page - ON Semiconductor CS5253-1GDPR5 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CS5253−1
http://onsemi.com
6
Figure 13. VPOWER Dropout Voltage vs Output
Current
Figure 14. Minimum Load Current vs VPOWER − VOUT
Figure 15. VPOWER Only Output Current vs Junction
Temperature
Figure 16. VCONTROL Supply Current vs Junction
Temperature
Figure 17. Current Limit vs VOUT
Figure 18. Stability vs ESR
500
450
400
350
300
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
3.0
2.5
Output Current (A)
TJ = 120°C
TJ = 20°C
TJ = 0°C
916.4
916.3
916.2
916.1
916.0
915.9
915.8
915.7
915.6
915.5
915.4
0.5
1.5
2.5
4.5
3.5
VPOWER − VOUT (V)
VCONTROL = 5.0 V
DVOUT = +1.0%
020
60
40
140
Junction Temperature (°C)
30
25
20
15
10
5
0
80
120
100
VPOWER = 6.0 V
VOUT = 0 V
VCONTROL Not Connected
020
60
40
140
Junction Temperature (°C)
80
120
100
40
35
30
25
20
15
10
5
0
VCONTROL = 2.75 V
VPOWER = 2.05 V
IOUT = 3.0 A
IOUT = 1.0 A
IOUT = 100 mA
5.0
4.5
4.0
3.5
0
0.5
1.0
1.5
2.0
3.0
2.5
VOUT (V)
VPOWER = 3.3 V
VCONTROL = 5.0 V
VOUT = 2.5 V
TA = 25°C
6
5
3
1
0
010
20
30
50
40
Capacitance (mF)
60
70
80
90 100
4
2
VPOWER = 3.3 V
VCONTROL = 5.0 V
ILOAD = 0 to 3.0 A
Unstable
Stable Region
VOUT = 2.5 V
VOUT Shorted to VSENSE
TJ = 0°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com