Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5172GD8G Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5172GD8G
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8G Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5172GD8G Datasheet HTML 8Page - ON Semiconductor CS5172GD8G Datasheet HTML 9Page - ON Semiconductor CS5172GD8G Datasheet HTML 10Page - ON Semiconductor CS5172GD8G Datasheet HTML 11Page - ON Semiconductor CS5172GD8G Datasheet HTML 12Page - ON Semiconductor CS5172GD8G Datasheet HTML 13Page - ON Semiconductor CS5172GD8G Datasheet HTML 14Page - ON Semiconductor CS5172GD8G Datasheet HTML 15Page - ON Semiconductor CS5172GD8G Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
12
The first zero generated by C1 and R1 is:
fZ1 +
1
2
pC1R1
The phase lead provided by this zero ensures that the loop
has at least a 45
° phase margin at the crossover frequency.
Therefore, this zero should be placed close to the pole
generated in the power stage which can be identified at
frequency:
fP +
1
2
pCORLOAD
where:
CO = equivalent output capacitance of the error amplifier
≈120pF;
RLOAD= load resistance.
The high frequency pole, fP2, can be placed at the output
filter’s ESR zero or at half the switching frequency. Placing
the pole at this frequency will cut down on switching noise.
The frequency of this pole is determined by the value of C2
and R1:
fP2 +
1
2
pC2R1
One simple method to ensure adequate phase margin is to
design the frequency response with a −20 dB per decade
slope, until unity−gain crossover. The crossover frequency
should be selected at the midpoint between fZ1 and fP2 where
the phase margin is maximized.
Figure 32. Bode Plot of the Compensation Network
Shown in Figure 31
Frequency (LOG)
fP1
fZ1
fP2
Negative Voltage Feedback
Since the negative error amplifier has finite input
impedance as shown in Figure 33, its induced error has to be
considered. If a voltage divider is used to scale down the
negative output voltage for the NFB pin, the equation for
calculating output voltage is:
*VOUT +
*2.5 (R1 ) R2)
R2
*10 mA
R1
+
−
Figure 33. Negative Error Amplifier and NFB Pin
2 V
200 k
W
Negative Error−Amp
RP
NFB
RIN
−VOUT
R1
250 k
W
R2
It is shown that if R1 is less than 10 k, the deviation from
the design target will be less than 0.1 V. If the tolerances of
the negative voltage reference and NFB pin input current are
considered, the possible offset of the output VOFFSET varies
in the range of:
*0.0.5 (R1 ) R2)
R2
* (15 mA
R1)
v VOFFSET
v
0.0.5 (R1
) R2)
R2
* (5 mA
R1)
VSW Voltage Limit
In the boost topology, VSW pin maximum voltage is set by
the maximum output voltage plus the output diode forward
voltage. The diode forward voltage is typically 0.5 V for
Schottky diodes and 0.8 V for ultrafast recovery diodes
VSW(MAX) + VOUT(MAX))VF
where:
VF = output diode forward voltage.
In the flyback topology, peak VSW voltage is governed by:
VSW(MAX) + VCC(MAX))(VOUT)VF)
N
where:
N = transformer turns ratio, primary over secondary.
When the power switch turns off, there exists a voltage
spike superimposed on top of the steady−state voltage.
Usually this voltage spike is caused by transformer leakage
inductance charging stray capacitance between the VSW and
PGND pins. To prevent the voltage at the VSW pin from
exceeding the maximum rating, a transient voltage
suppressor in series with a diode is paralleled with the
primary windings. Another method of clamping switch
voltage is to connect a transient voltage suppressor between
the VSW pin and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com