Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T62 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41T62_06 Datasheet HTML 23Page - STMicroelectronics M41T62_06 Datasheet HTML 24Page - STMicroelectronics M41T62_06 Datasheet HTML 25Page - STMicroelectronics M41T62_06 Datasheet HTML 26Page - STMicroelectronics M41T62_06 Datasheet HTML 27Page - STMicroelectronics M41T62_06 Datasheet HTML 28Page - STMicroelectronics M41T62_06 Datasheet HTML 29Page - STMicroelectronics M41T62_06 Datasheet HTML 30Page - STMicroelectronics M41T62_06 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
M41T62/63/64/65
Clock operation
27/40
3.6
Square wave output (M41T62/63/64)
The M41T62/63/64 offers the user a programmable square wave function which is output on
the SQW pin. RS3-RS0 bits located in 04h establish the square wave output frequency.
These frequencies are listed in Table 8. Once the selection of the SQW frequency has been
completed, the SQW pin can be turned on and off under software control with the Square
Wave Enable Bit (SQWE) located in Register 0Ah.
The SQW output is an N-channel, open drain output driver for the M41T64, and a full CMOS
output driver for the M41T62/63. The initial power-up default for the SQW output is 32KHz
(except for M41T64, which defaults disabled).
3.7
Full-time 32KHz square wave output (M41T64)
The M41T64 offers the user a special 32KHz square wave function which is enabled on
power-up to output on the F32K pin as long as VCC ≥ 1.3V, and the oscillator is running (ST
Bit = '0'). This function is available within one second (typ) of initial power-up and can only
be disabled by setting the 32KE Bit to '0' or the ST Bit to '1.' If not used, the F32K pin should
be disconnected and allowed to float.
Table 8.
Square wave output frequency
Square wave bits
Square wave
RS3
RS2
RS1
RS0
Frequency
Units
0000
None
–
0001
32.768
kHz
0010
8.192
kHz
0011
4.096
kHz
0100
2.048
kHz
0101
1.024
kHz
0110
512
Hz
0111
256
Hz
1000
128
Hz
1001
64
Hz
1010
32
Hz
1011
16
Hz
11008
Hz
11014
Hz
11102
Hz
11111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com