Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5973ADTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5973ADTR
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973ADTR Datasheet(HTML) 4 Page - STMicroelectronics

  L5973ADTR Datasheet HTML 1Page - STMicroelectronics L5973ADTR Datasheet HTML 2Page - STMicroelectronics L5973ADTR Datasheet HTML 3Page - STMicroelectronics L5973ADTR Datasheet HTML 4Page - STMicroelectronics L5973ADTR Datasheet HTML 5Page - STMicroelectronics L5973ADTR Datasheet HTML 6Page - STMicroelectronics L5973ADTR Datasheet HTML 7Page - STMicroelectronics L5973ADTR Datasheet HTML 8Page - STMicroelectronics L5973ADTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical data
L5973AD
4/21
2
Electrical data
2.1
Maximum ratings
2.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V8
Input voltage
40
V
V1
Output DC voltage
Output peak voltage at t = 0.1
µs
-1 to 40
-5 to 40
V
V
I1
Maximum output current
int. limit.
V4, V5
Analog pins
4
V
V3
INH
-0.3V to VCC
V2
SYNC
-0.3 to 4
V
PTOT
Power dissipation at TA ≤ 60°C
2.25
W
TJ
Operating junction temperature range
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
HSOP8
Exposed Pad
Unit
RthJA
Maximum thermal resistance junction-ambient
40 (1)
1.
Package mounted on board
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21