Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE40VMW6TP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M25PE40VMW6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMW6TP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M25PE40VMW6TP Datasheet HTML 2Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 3Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 4Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 5Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 6Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 7Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 8Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 9Page - STMicroelectronics M25PE40VMW6TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Description
M25PE40
6/60
1
Description
The is a 4 Mbit (512Kb × 8 bit) Serial Paged Flash memory accessed by a high speed SPI-
compatible bus.
The memory can be written or programmed 1 to 256 bytes at a time, using the Page Write or
Page Program instruction. The Page Write instruction consists of an integrated Page Erase
cycle followed by a Page Program cycle.
The memory is organized as 8 sectors that are further divided up into 16 subsectors each
(128 subsectors in total). Each sector contains 256 pages and each subsector contains 16
pages. Each page is 256 bytes wide. Thus, the whole memory can be viewed as consisting
of 2048 pages, or 524,288 bytes.
The memory can be erased a page at a time, using the Page Erase instruction, a subsector
at a time, using the SubSector Erase instruction, a sector at a time, using the Sector Erase
instruction or as a whole, using the Bulk Erase (BE) instruction..
The memory can be Write Protected by either Hardware or Software using a mix of volatile
and non-volatile protection features, depending on the application needs. The protection
granularity is of 64 Kbytes (sector granularity).
In order to meet environmental requirements, ST offers the in ECOPACK® packages.
ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Important note
This datasheet details the functionality of the devices, based on the previous T7X process
or based on the current T9HX process. Delivery of parts in T9HX process starts from July
2007.
What are the changes?
The in T9HX process offers the following additional features:
●
the whole memory array is partitioned into 4-Kbyte subsectors
●
five new instructions: Write Status Register (WRSR), Write to Lock Register (WRLR),
Read Lock Register (RDLR), 4-Kbyte SubSector Erase (SSE) and Bulk Erase (BE)
●
Status Register: 4 bits can be written (BP0, BP1, BP2, SRWD)
●
WP input (pin 3): Write protection limits are extended, depending on the value of the
BP0, BP1, BP2, SRWD bits. The WP Write protection remains the same if bits (BP2,
BP1, BP0) are set to (0, 0, 1).
●
smaller die size allowing assembly into an SO8N package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com