Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE40VMN6G Datasheet(PDF) 39 Page - STMicroelectronics

Part # M25PE40VMN6G
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE40VMN6G Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M25PE40VMN6G Datasheet HTML 35Page - STMicroelectronics M25PE40VMN6G Datasheet HTML 36Page - STMicroelectronics M25PE40VMN6G Datasheet HTML 37Page - STMicroelectronics M25PE40VMN6G Datasheet HTML 38Page - STMicroelectronics M25PE40VMN6G Datasheet HTML 39Page - STMicroelectronics M25PE40VMN6G Datasheet HTML 40Page - STMicroelectronics M25PE40VMN6G Datasheet HTML 41Page - STMicroelectronics M25PE40VMN6G Datasheet HTML 42Page - STMicroelectronics M25PE40VMN6G Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
M25PE40
Instructions
39/60
6.15
Bulk Erase (BE)
Note:
The Bulk Erase (BE) instruction is decoded only in the in the T9HX process (see Important
note on page 6).
The Bulk Erase (BE) instruction sets all bits to 1 (FFh). Before it can be accepted, a Write
Enable (WREN) instruction must previously have been executed. After the Write Enable
(WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Bulk Erase (BE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code on Serial Data Input (D). Chip Select (S) must be driven Low for the entire
duration of the sequence.
The instruction sequence is shown in Figure 21.
Chip Select (S) must be driven High after the eighth bit of the instruction code has been
latched in, otherwise the Bulk Erase instruction is not executed. As soon as Chip Select (S)
is driven High, the self-timed Bulk Erase cycle (whose duration is tBE) is initiated. While the
Bulk Erase cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Bulk
Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset.
Any Bulk Erase (BE) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress. A Bulk Erase (BE)
instruction is ignored if at least one sector or subsector is write-protected (Hardware or
Software protection).
If Reset (Reset) is driven Low while a Bulk Erase (BE) cycle is in progress, the Bulk Erase
cycle is interrupted and data may not be erased correctly (see Table 12: Device status after
a Reset Low pulse). On Reset going Low, the device enters the Reset mode and a time of
tRHSL is then required before the device can be re-selected by driving Chip Select (S) Low.
For the value of tRHSL see Table 22: Timings after a Reset Low pulse in Section 11: DC and
AC parameters.
Figure 21.
Bulk Erase (BE) instruction sequence
C
D
AI03752D
S
2
1
34567
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com