Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8240 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8240
Description  500 mA High Side (PNP) Driver with On-Chip Flyback Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8240 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8240 Datasheet HTML 1Page - ON Semiconductor CS8240 Datasheet HTML 2Page - ON Semiconductor CS8240 Datasheet HTML 3Page - ON Semiconductor CS8240 Datasheet HTML 4Page - ON Semiconductor CS8240 Datasheet HTML 5Page - ON Semiconductor CS8240 Datasheet HTML 6Page - ON Semiconductor CS8240 Datasheet HTML 7Page - ON Semiconductor CS8240 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS8240
http://onsemi.com
5
TYPICAL APPLICATION CIRCUITS
Figure 8. Solenoid Driver
Figure 9. Lamp Driver
Figure 10. Controlled High Side Switch
VCC*
0.1
µF
5.0 V
0 V
CS8240
CS8240
CS8240
1
5
3
2
1
5
3
2
GE194
0.1
µF
VCC*
* VCC = 6.0 V TO 26 V
VBATT
VIGNITION
LOAD
15 k
Ω
0.1
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com