Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X4643S8 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X4643S8
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643S8 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X4643S8 Datasheet HTML 13Page - Renesas Technology Corp X4643S8 Datasheet HTML 14Page - Renesas Technology Corp X4643S8 Datasheet HTML 15Page - Renesas Technology Corp X4643S8 Datasheet HTML 16Page - Renesas Technology Corp X4643S8 Datasheet HTML 17Page - Renesas Technology Corp X4643S8 Datasheet HTML 18Page - Renesas Technology Corp X4643S8 Datasheet HTML 19Page - Renesas Technology Corp X4643S8 Datasheet HTML 20Page - Renesas Technology Corp X4643S8 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
FN8123 Rev 0.00
Page 21 of 21
March 29, 2005
X4643, X4645
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Ordering Information
Part Mark Information
VCC
Range
VTRIP
Range
Package
Operating
Temperature Range
Part Number RESET
(Active LOW)
Part Number RESET
(Active HIGH)
4.5-5.5V
4.5-4.75
8L SOIC
0°C-70°C
X4643S8-4.5A
X4645S8-4.5A
-40°C-85°C
X4643S8I-4.5A
X4645S8I-4.5A
8L TSSOP
0°C-70°C
X4643V8-4.5A
X4645V8-4.5A
-40°C-85°C
X4643V8I-4.5A
X4645V8I-4.5A
4.5-5.5V
4.25-4.5
8L SOIC
0°C-70°C
X4643S8
X4645S8
-40°C-85°C
X4643S8I
X4645S8I
8L TSSOP
0°C-70°C
X4643V8
X4645V8
-40°C-85°C
X4643V8I
X4645V8I
2.7-5.5V
2.85-3.0
8L SOIC
0°C-70°C
X4643S8-2.7A
X4645S8-2.7A
-40°C-85°C
X4643S8I-2.7A
X4645S8I-2.7A
8LTSSOP
0°C-70°C
X4643V8-2.7A
X4645V8-2.7A
-40°C-85°C
X4643V8I-2.7A
X4645V8I-2.7A
2.7-5.5V
2.55-2.7
8L SOIC
0°C–70°C
X4643S8-2.7
X4645S8-2.7
-40°C-85°C
X4643S8I-2.7
X4645S8I-2.7
8L TSSOP
0°C-70°C
X4643V8-2.7
X4645V8-2.7
-40°C-85°C
X4643V8I-2.7
X4645V8I-2.7
8-Lead TSSOP
EYWW
XXXXX
8-Lead SOIC/PDIP
X4643/5 X
XX
Blank = 8-Lead SOIC
ADB/ADK = -4.5A (0 to +70°C)
ADD/ADM = No Suffix (0 to +70°C)
ADF/ADO = -2.7A (0 to +70°C)
ADH/ADQ= -2.7 (0 to +70°C)
4283/4285
F = -2.7 (0 to +70°C)
G = -2.7 (-40 to +85°C)
Blank = No Suffix (0 to +70°C)
I = No Suffix (-40 to +85°C)
AN = -2.7A (0 to +70°C)
AP = -2.7A (-40 to +85°C)
AL = -4.5A (0 to +70°C)
AM = -4.5A (-40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com