Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T94MQ6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T94MQ6
Description  Serial Real Time Clock with 44Bytes NVRAM and Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MQ6 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T94MQ6 Datasheet HTML 1Page - STMicroelectronics M41T94MQ6 Datasheet HTML 2Page - STMicroelectronics M41T94MQ6 Datasheet HTML 3Page - STMicroelectronics M41T94MQ6 Datasheet HTML 4Page - STMicroelectronics M41T94MQ6 Datasheet HTML 5Page - STMicroelectronics M41T94MQ6 Datasheet HTML 6Page - STMicroelectronics M41T94MQ6 Datasheet HTML 7Page - STMicroelectronics M41T94MQ6 Datasheet HTML 8Page - STMicroelectronics M41T94MQ6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
August 2006
Rev 4
1/40
1
M41T94
Serial Real Time Clock with 44Bytes NVRAM and Reset
Feature summary
■
Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
■
32KHz crystal oscillator integrating load
capacitance (12.5pF) providing exceptional
oscillator stability and high crystal series
resistance operation
■
Serial peripheral interface (2MHz SPI)
■
Ultra-low battery supply current of 500nA (max)
■
2.7 to 5.5V operating voltage
■
2.5 to 5.5V oscillator operating voltage
■
Battery low Flag
■
Automatic switch-over and deselect circuitry
■
44 bytes of general purpose RAM
■
Programmable Alarm and interrupt function
(valid even during battery back-up mode)
■
Accurate programmable Watchdog timer (from
62.5ms to 128s)
■
Microprocessor power-on reset
■
Choice of power-fail deselect voltages
(VCC = 2.7 to 5.5V):
–THS = VSS; 2.55V ≤VPFD ≤2.70V
–THS = VCC; 4.20V ≤VPFD ≤4.50V
■
Packaging includes a 28-lead SOIC and
SNAPHAT® TOP (to be ordered separately) or
16-lead SOIC
■
28-lead SOIC package provides direct
connection for a SNAPHAT TOP which
contains the battery and crystal
16
1
SO16 (MQ)
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery & Crystal
www.st.com


Similar Part No. - M41T94MQ6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T94MQ6 STMICROELECTRONICS-M41T94MQ6 Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
M41T94MQ6E STMICROELECTRONICS-M41T94MQ6E Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
M41T94MQ6E STMICROELECTRONICS-M41T94MQ6E Datasheet
346Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
09-Nov-2007
M41T94MQ6E STMICROELECTRONICS-M41T94MQ6E Datasheet
358Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
13-Jan-2009
M41T94MQ6F STMICROELECTRONICS-M41T94MQ6F Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
More results

Similar Description - M41T94MQ6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
logo
Texas Instruments
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
Real-Time Clock RTC With NVRAM Control
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94_07 Datasheet
346Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
09-Nov-2007
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
Serial real-time clock with 56 bytes of NVRAM
02-May-2008
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
Serial real-time clock with 56 bytes NVRAM
13-Dec-2007
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
13-Jan-2009
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
11-Jun-2012
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
logo
Texas Instruments
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
Real-Time Clock Module With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com