Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CCI-0805-R12-J Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CCI-0805-R12-J
Description  SMD Ceramic Chip Inductors, CCI Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CCI-0805-R12-J Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CCI-0805-R12-J Datasheet HTML 1Page - List of Unclassifed Manufacturers CCI-0805-R12-J Datasheet HTML 2Page - List of Unclassifed Manufacturers CCI-0805-R12-J Datasheet HTML 3Page - List of Unclassifed Manufacturers CCI-0805-R12-J Datasheet HTML 4Page - List of Unclassifed Manufacturers CCI-0805-R12-J Datasheet HTML 5Page - List of Unclassifed Manufacturers CCI-0805-R12-J Datasheet HTML 6Page - List of Unclassifed Manufacturers CCI-0805-R12-J Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Chilisin Electronics Singapore Pte Ltd
SMD Ceramic Chip Inductors, CCI Series
19, Woodlands Industrial Park E1 #03-07 Singapore 757719
Tel : 65 - 68921191
Fax : 65 - 67606760
- 18 -
C
S
E
Pb
Part Number
Inductance
(nH)
Test Freq.
MHz
Q
Min
Test Freq.
MHz
SRF
MHz min
RDC
Ω Max
IDC
mA Max
CCI -1008-10N-
10.0
50
50
500
4100
0.08
1000
CCI -1008-12N-
12.0
50
50
500
3300
0.09
1000
CCI -1008-15N-
15.0
50
50
500
2500
0.10
1000
CCI -1008-18N-
18.0
50
50
350
2500
0.11
1000
CCI -1008-22N-
22.0
50
55
350
2400
0.12
1000
CCI -1008-27N-
27.0
50
55
350
1600
0.13
1000
CCI -1008-33N-
33.0
50
60
350
1600
0.14
1000
CCI -1008-39N-
39.0
50
60
350
1500
0.15
1000
CCI -1008-47N-
47.0
50
65
350
1500
0.16
1000
CCI -1008-56N-
56.0
50
65
350
1300
0.18
1000
CCI -1008-68N-
68.0
50
65
350
1300
0.20
1000
CCI -1008-82N-
82.0
50
60
350
1000
0.22
1000
CCI -1008-R10-
100.0
25
60
350
1000
0.56
650
CCI -1008-R12-
120.0
25
60
350
950
0.63
650
CCI -1008-R15-
150.0
25
45
100
850
0.70
580
CCI -1008-R18-
180.0
25
45
100
750
0.77
620
CCI -1008-R22-
220.0
25
45
100
700
0.84
500
CCI -1008-R27-
270.0
25
45
100
600
0.91
500
CCI -1008-R33-
330.0
25
45
100
570
1.05
450
CCI -1008-R39-
390.0
25
45
100
500
1.12
470
CCI -1008-R47-
470.0
25
45
100
450
1.19
470
CCI -1008-R56-
560.0
25
45
100
415
1.33
400
CCI -1008-R62-
620.0
25
45
100
375
1.40
300
CCI -1008-R68-
680.0
25
45
100
375
1.47
400
CCI -1008-R75-
750.0
25
45
100
360
1.54
360
CCI -1008-R82-
820.0
25
45
100
350
1.61
400
CCI -1008-R91-
910.0
25
35
50
320
1.68
380
CCI -1008-1R0-
1000.0
25
35
50
290
1.75
370
CCI -1008-1R2-
1200.0
7.9
35
50
250
2.00
310
CCI -1008-1R5-
1500.0
7.9
28
50
200
2.30
330
CCI -1008-1R8-
1800.0
7.9
28
50
160
2.60
300
CCI -1008-2R2-
2200.0
7.9
28
50
160
2.80
280
CCI -1008-2R7-
2700.0
7.9
22
25
140
3.20
290
CCI -1008-3R3-
3300.0
7.9
22
25
110
3.40
290
CCI -1008-3R9-
3900.0
7.9
20
25
100
3.60
260
CCI -1008-4R7-
4700.0
7.9
20
25
90
4.00
260
CCI -1008-5R6-
5600.0
7.9
20
7.9
55
7.00
200
CCI -1008-6R8-
6800.0
7.9
20
7.9
45
8.00
180
CCI -1008-8R2-
8200.0
7.9
20
7.9
35
9.50
150
CCI -1008-100-
10,000.0
7.9
20
7.9
25
12.0
100
Tolerance: G = ± 2% , J = ± 5% , K = ± 10%
IDC: measure at 15ºC above 25ºC
Operating Temperature range; -40ºC to +125ºC
Electrical Characteristics:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com