| Electronic Components Datasheet Search |
|
ST72260G1 Datasheet(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72260G1 Datasheet(HTML) 62 Page - STMicroelectronics |
|
62 / 172 page ![]() ST72260Gx, ST72262Gx, ST72264Gx 62/172 16-BIT TIMER (Cont’d) Notes: 1. After a processor write cycle to the OCiHR reg- ister, the output compare function is inhibited until the OCiLR register is also written. 2. If the OCiE bit is not set, the OCMPi pin is a general I/O port and the OLVLi bit will not appear when a match is found but an interrupt could be generated if the OCIE bit is set. 3. When the timer clock is fCPU/2, OCFi and OCMPi are set while the counter value equals the OCiR register value (see Figure 42 on page 63). This behaviour is the same in OPM or PWM mode. When the timer clock is fCPU/4, fCPU/8 or in external clock mode, OCFi and OCMPi are set while the counter value equals the OCiR regis- ter value plus 1 (see Figure 43 on page 63). 4. The output compare functions can be used both for generating external events on the OCMPi pins even if the input capture mode is also used. 5. The value in the 16-bit OCiR register and the OLVi bit should be changed after each suc- cessful comparison in order to control an output waveform or establish a new elapsed timeout. Forced Compare Output capability When the FOLVi bit is set by software, the OLVLi bit is copied to the OCMPi pin. The OLVi bit has to be toggled in order to toggle the OCMPi pin when it is enabled (OCiE bit=1). The OCFi bit is then not set by hardware, and thus no interrupt request is generated. FOLVLi bits have no effect in both one pulse mode and PWM mode. Figure 41. Output Compare Block Diagram OUTPUT COMPARE 16-bit CIRCUIT OC1R Register 16 BIT FREE RUNNING COUNTER OC1E CC0 CC1 OC2E OLVL1 OLVL2 OCIE (Control Register 1) CR1 (Control Register 2) CR2 0 0 0 OCF2 OCF1 (Status Register) SR 16-bit 16-bit OCMP1 OCMP2 Latch 1 Latch 2 OC2R Register Pin Pin FOLV2 FOLV1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |