Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G1B6 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72F264G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G1B6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72F264G1B6 Datasheet HTML 97Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 98Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 99Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 100Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 101Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 102Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 103Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 104Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
101/172
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
EXTENDED RECEIVE PRESCALER DIVISION
REGISTER (SCIERPR)
Read/Write
Reset Value: 0000 0000 (00h)
Allows setting of the Extended Prescaler rate divi-
sion factor for the receive circuit.
Bits 7:0 = ERPR[7:0] 8-bit Extended Receive
Prescaler Register.
The extended Baud Rate Generator is activated
when a value different from 00h is stored in this
register. Therefore the clock frequency issued
from the 16 divider (see Figure 55) is divided by
the binary factor set in the SCIERPR register (in
the range 1 to 255).
The extended baud rate generator is not used af-
ter a reset.
EXTENDED TRANSMIT PRESCALER DIVISION
REGISTER (SCIETPR)
Read/Write
Reset Value:0000 0000 (00h)
Allows setting of the External Prescaler rate divi-
sion factor for the transmit circuit.
Bits 7:0 = ETPR[7:0] 8-bit Extended Transmit
Prescaler Register.
The extended Baud Rate Generator is activated
when a value different from 00h is stored in this
register. Therefore the clock frequency issued
from the 16 divider (see Figure 55) is divided by
the binary factor set in the SCIETPR register (in
the range 1 to 255).
The extended baud rate generator is not used af-
ter a reset.
Table 19. Baudrate Selection
70
ERPR
7
ERPR
6
ERPR
5
ERPR
4
ERPR
3
ERPR
2
ERPR
1
ERPR
0
70
ETPR
7
ETPR
6
ETPR
5
ETPR
4
ETPR
3
ETPR
2
ETPR
1
ETPR
0
Symbol
Parameter
Conditions
Standard
Baud
Rate
Unit
fCPU
Accuracy
vs. Standard
Prescaler
fTx
fRx
Communication frequency
8MHz
~0.16%
Conventional Mode
TR (or RR)=128, PR=13
TR (or RR)= 32, PR=13
TR (or RR)= 16, PR=13
TR (or RR)= 8, PR=13
TR (or RR)= 4, PR=13
TR (or RR)= 16, PR= 3
TR (or RR)= 2, PR=13
TR (or RR)= 1, PR=13
300
1200
2400
4800
9600
10400
19200
38400
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230.77
~38461.54
Hz
~0.79%
Extended Mode
ETPR (or ERPR) = 35,
TR (or RR)= 1, PR=1
14400 ~14285.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com