Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G1B6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST72F264G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G1B6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST72F264G1B6 Datasheet HTML 100Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 101Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 102Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 103Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 104Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 105Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 106Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 107Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
104/172
I2C BUS INTERFACE (Cont’d)
Acknowledge may be enabled and disabled by
software.
The I2C interface address and/or general call ad-
dress can be selected by software.
The speed of the I2C interface may be selected
between Standard (up to 100KHz) and Fast I2C
(up to 400KHz).
SDA/SCL Line Control
Transmitter mode: the interface holds the clock
line low before transmission to wait for the micro-
controller to write the byte in the Data Register.
Receiver mode: the interface holds the clock line
low after reception to wait for the microcontroller to
read the byte in the Data Register.
The SCL frequency (Fscl) is controlled by a pro-
grammable clock divider which depends on the
I2C bus mode.
When the I2C cell is enabled, the SDA and SCL
ports must be configured as floating inputs. In this
case, the value of the external pull-up resistor
used depends on the application.
When the I2C cell is disabled, the SDA and SCL
ports revert to being standard I/O port pins.
Figure 58. I2C Interface Block Diagram
DATA REGISTER (DR)
DATA SHIFT REGISTER
COMPARATOR
OWN ADDRESS REGISTER 1 (OAR1)
CLOCK CONTROL REGISTER (CCR)
STATUS REGISTER 1 (SR1)
CONTROL REGISTER (CR)
CONTROL LOGIC
STATUS REGISTER 2 (SR2)
INTERRUPT
CLOCK CONTROL
DATA CONTROL
SCL or SCLI
SDA or SDAI
OWN ADDRESS REGISTER 2 (OAR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com