Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G1M6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST72F264G1M6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G1M6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST72F264G1M6 Datasheet HTML 18Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 19Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 20Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 21Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 22Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 23Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 24Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 25Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
22/172
6.3 RESET SEQUENCE MANAGER (RSM)
6.3.1 Introduction
The reset sequence manager includes three RE-
SET sources as shown in Figure 12:
■ External RESET source pulse
■ Internal LVD RESET (Low Voltage Detection)
■ Internal WATCHDOG RESET
These sources act on the RESET pin and it is al-
ways kept low during the delay phase.
The RESET service routine vector is fixed at ad-
dresses FFFEh-FFFFh in the ST7 memory map.
The basic RESET sequence consists of 3 phases
as shown in Figure 11:
■ Active Phase depending on the RESET source
■ 4096 CPU clock cycle delay (selected by option
byte)
■ RESET vector fetch
The 4096 CPU clock cycle delay allows the oscil-
lator to stabilise and ensures that recovery has
taken place from the Reset state. The shorter or
longer clock cycle delay should be selected by op-
tion byte to correspond to the stabilization time of
the external oscillator used in the application.
The RESET vector fetch phase duration is 2 clock
cycles.
Figure 11. RESET Sequence Phases
6.3.2 Asynchronous External RESET pin
The RESET pin is both an input and an open-drain
output with integrated RON weak pull-up resistor.
This pull-up has no fixed value but varies in ac-
cordance with the input voltage. It can be pulled
low by external circuitry to reset the device. See
Electrical Characteristic section for more details.
A RESET signal originating from an external
source must have a duration of at least th(RSTL)in in
order to be recognized (see Figure 13). This de-
tection is asynchronous and therefore the MCU
can enter reset state even in HALT mode.
Figure 12. Reset Block Diagram
RESET
Active Phase
INTERNAL RESET
4096 CLOCK CYCLES
FETCH
VECTOR
RESET
RON
VDD
WATCHDOG RESET
LVD RESET
INTERNAL
RESET
PULSE
GENERATOR
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com