Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G1B6 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 144Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 145Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 146Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 147Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 148Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 149Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 150Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 151Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
148/172
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 84. Typ. VOH at VDD=2.7V
Figure 85. Typ. VOH at VDD=4V
Figure 86. Typ. VOH at VDD=3V
Figure 87. Typ. VOH at VDD=5V
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH.
0
0.5
1
1.5
2
2.5
3
00.5
11.5
2
Iio(mA)
T=25C
T=90C
T=-45C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
2
3
45
Iio(mA)
T=25C
T=90C
T=-45C
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3
Iio(mA)
T=25C
T=90C
T=-45C
0
1
2
3
4
5
6
01
23
45
Iio(mA)
T=25C
T=90C
T=-45C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com