Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G1B6 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 146Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 147Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 148Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 149Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 150Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 151Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 152Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 153Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
150/172
13.9 CONTROL PIN CHARACTERISTICS
13.9.1 Asynchronous RESET Pin
TA = -40 to +85°C unless otherwise specified
Figure 90. Typical IPU on RESET pin
Notes:
1. Data based on characterization results, not tested in production.
2. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
3. To guarantee the reset of the device, a minimum pulse has to be applied to the RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
Vss - 0.3
0.3xVDD
V
VIH
Input high level voltage
0.7xVDD
VDD + 0.3
Vhys
Schmitt trigger voltage hysteresis1)
2.5
V
VOL
Output low level voltage 2)
VDD=5V
IIO=+5mA
0.68
0.95
V
IIO=+2mA
0.28
0.45
RON
Pull-up equivalent resistor
VDD=5V
20
40
80
k
Ω
VDD=3V
85
tw(RSTL)out Generated reset pulse duration
Internal reset sources
30
µs
th(RSTL)in External reset pulse hold time
3)
20
µs
tg(RSTL)in Filtered glitch duration
200
ns
0
50
100
150
200
250
2.43
4
5
5.56
Vdd (V)
T=25C
T=90C
T=-45C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com