Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2B6 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 152Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 153Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 154Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 155Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 156Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 157Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 158Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 159Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
156/172
COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d)
The following table gives the values to be written in
the I2CCCR register to obtain the required I2C
SCL line frequency.
Table 26. SCL Frequency Table
Legend:
RP = External pull-up resistance
fSCL = I
2C speed
NA = Not achievable
Note:
– For speeds around 200 kHz, achieved speed can have
±5% tolerance
– For other speed ranges, achieved speed can have
±2% tolerance
The above variations depend on the accuracy of the external components used.
fSCL
(kHz)
I2CCCR Value
fCPU=4 MHz.
fCPU=8 MHz.
VDD = 3.3 V
VDD = 5 V
VDD = 3.3 V
VDD = 5 V
RP=3.3kΩ
RP=4.7kΩ
RP=3.3kΩ
RP=4.7kΩ
RP=3.3kΩ
RP=4.7kΩ
RP=3.3kΩ
RP=4.7kΩ
400
NA
NA
NA
NA
83h
NA
83h
83h
300
NA
NA
NA
NA
85h
85h
85h
85h
200
83h
84h
83h
84h
8Ah
89h
8Ah
8Ah
100
10h
10h
10h
10h
24h
23h
24h
23h
50
24h
24h
24h
24h
4Ch
4Ch
4Ch
4Ch
20
5Fh
5Fh
5Fh
5Fh
FFh
FFh
FFh
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com