Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2B6 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 154Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 155Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 156Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 157Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 158Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 159Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 160Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 161Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
158/172
ADC CHARACTERISTICS (Cont’d)
13.12.0.1 General PCB Design Guidelines
To obtain best results, some general design and
layout rules should be followed when designing
the application PCB to shield the noise-sensitive,
analog physical interface from noise generating
CMOS logic signals.
– Properly place components and route the signal
traces on the PCB to shield the analog inputs.
Analog signals paths should run over the analog
ground plane and be as short as possible. Isolate
analog signals from digital signals that may
switch while the analog inputs are being sampled
by the A/D converter. Do not toggle digital out-
puts on the same I/O port as the A/D input being
converted.
ADC Accuracy with fCPU=8 MHz, fADC=4 MHz RAIN< 10kΩ, VDD= 4.5V to 5.5V
Figure 100. ADC Accuracy Characteristics
Notes:
1. ADC Accuracy vs. Negative Injection Current: Injecting negative current on any of the analog input pins significantly
reduces the accuracy of the conversion being performed on another analog input.
For IINJ-=0.8mA, the typical leakage induced inside the die is 1.6µA and the effect on the ADC accuracy is a loss of 4 LSB
for each 10K
Ω increase of the external analog source impedance. It is recommended to add a Schottky diode (pin to
ground) to analog pins which may potentially inject negative current. Any positive injection current within the limits spec-
ified for IINJ(PIN) and ΣIINJ(PIN) in Section 13.8 does not affect the ADC accuracy.
2. Refer to “Typical values” on page 126 for more information on typical ADC accuracy values.
Symbol
Parameter
Conditions
FLASH
ROM
Unit
Typ2)
Max
Typ2)
Max
|ET|
Total unadjusted error 1)
4
6
TBD
TBD
LSB
|EO|
Offset error 1)
1
5
TBD
TBD
|EG|
Gain Error 1)
1
4.5
TBD
TBD
|ED|
Differential linearity error1)
1.5
4.5
TBD
TBD
|EL|
Integral linearity error 1)
3
4.5
TBD
TBD
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
–
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
2
3
4567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com