Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2H1 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST72F264G2H1
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2H1 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST72F264G2H1 Datasheet HTML 124Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 125Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 126Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 127Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 128Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 129Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 130Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 131Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
128/172
13.3 OPERATING CONDITIONS
13.3.1 General Operating Conditions
TA = -40 to +85°C unless otherwise specified.
Figure 64. fOSC Maximum Operating Frequency Versus VDD Supply Voltage
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fOSC = 8 MHz. max.
2.7
5.5
V
fOSC = 16 MHz. max.
3.3
5.5
fOSC
External clock frequency on OSC1
pin
VDD≥3.3V
up to 16
MHz
VDD≥2.7V
up to 8
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.0
3.3
3.5
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA)
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com