Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2H1 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST72F264G2H1
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2H1 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST72F264G2H1 Datasheet HTML 126Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 127Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 128Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 129Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 130Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 131Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 132Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 133Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
130/172
OPERATING CONDITIONS (Cont’d)
13.3.3 Auxiliary Voltage Detector (AVD) Thresholds
TA = -40 to +85°C unless otherwise specified
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1
⇒0 AVDF flag toggle threshold
(VDD rise)
VD level = Low in option byte
VD level = Med. in option byte
VD level = High in option byte
4.4 1)
3.91)
3.4 1)
4.6
4.2
3.6
4.9
4.4
3.8
V
VIT-(AVD)
0
⇒1 AVDF flag toggle threshold
(VDD fall)
VD level = Low in option byte
VD level = Med. in option byte
VD level = High in option byte
4.15
3.75
3.1
4.4
3.95
3.4
4.651)
4.21)
3.61)
Vhys(AVD)
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
250
mV
∆V
IT-
Voltage drop between AVD flag set
and LVD reset activated
VIT-(AVD)-VIT-(LVD)
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com