Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2H1 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST72F264G2H1
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2H1 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST72F264G2H1 Datasheet HTML 129Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 130Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 131Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 132Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 133Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 134Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 135Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 136Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
133/172
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
13.4.2 HALT and ACTIVE-HALT Modes
13.4.3 Supply and Clock Managers
The previous current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode).
Notes:
1. All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max. and fCPU max.
2. Data based on characterisation results, not tested in production. All I/O pins in output mode with a static value at VSS
(no load); clock input (OSC1) driven by external square wave, LVD disabled. To obtain the total current consumption of
the device, add the clock source consumption (Section 13.5.3 and Section 13.5.4).
3. Data based on characterization results done with the external components specified in Section 13.5.3 and Section
13.5.4, not tested in production.
4. As the oscillator is based on a current source, the consumption does not depend on the voltage.
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in HALT mode 1)
VDD=5.5V
-40°C
≤T
A≤+85°C
<1
10
µA
VDD=2.7V
-40°C
≤T
A≤+85°C
<1
6
Supply current in ACTIVE-HALT mode 2)
500
No max.
guaran-
teed
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(RCINT) Supply current of internal RC oscillator
900
µA
IDD(RES)
Supply current of resonator oscillator 3) & 4)
see Section
13.5.3 on page
136
IDD(PLL)
PLL supply current
VDD=5V
100
IDD(LVD)
LVD supply current
HALT mode
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com