Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6605C Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MP6605C
Description  4-Channel, Low-Side Driver with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6605C Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MP6605C Datasheet HTML 2Page - MPS Industries, Inc. MP6605C Datasheet HTML 3Page - MPS Industries, Inc. MP6605C Datasheet HTML 4Page - MPS Industries, Inc. MP6605C Datasheet HTML 5Page - MPS Industries, Inc. MP6605C Datasheet HTML 6Page - MPS Industries, Inc. MP6605C Datasheet HTML 7Page - MPS Industries, Inc. MP6605C Datasheet HTML 8Page - MPS Industries, Inc. MP6605C Datasheet HTML 9Page - MPS Industries, Inc. MP6605C Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP6605C
– 4-CHANNEL LOW-SIDE DRIVER WITH I2C INTERFACE
MP6605C Rev. 1.0
MonolithicPower.com
6
7/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
I2C TIMING CHARACTERISTICS (6)
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
SCL clock frequency
fSCL
10
500
kHz
Bus free time
tBUF
Between stop and start condition
0.5
μs
Holding time after repeated
start command
tHD_STA
After this period, the first clock is
generated
0.26
μs
Repeated start command set-
up time
tSU_STA
0.26
μs
Stop condition set-up time
tSU_STO
0.26
μs
Data hold time
tHD_DAT
0
ns
Data set-up time
tSU_DAT
50
ns
Clock low time
tLOW
0.5
μs
Clock high time
tHIGH
0.26
50
μs
Clock/data falling time
tF
120
ns
Clock/data rising time
tR
120
ns
Note:
6) Not subject to production testing. Specified by design.
I2C TIMING DIAGRAM
SDA
SCL
S
S = Start Command
Sr = Repeated Start Command
P = Stop Command
tLOW
tR
tHD_DAT
tSU_DAT
tHIGH
tSU_STA
tF
tF
Sr
tHD_STA
tR
tSU_STO
P
S
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com