Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP8794GLE Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP8794GLE
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794GLE Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP8794GLE Datasheet HTML 6Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 7Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 8Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 9Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 10Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 11Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 12Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 13Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
10
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, TA = 25°C, VOUT = 1.2V, fSW = 800kHz, unless otherwise noted.
Load Transient
IOUT = 0A to 8A, forced CCM
Start-Up through EN
IOUT = 0A, pulse skip
CH2: VOUT/AC
CH1: VSW
CH4: IL
CH3: VEN
CH2: VOUT
CH4: IL
CH1:
VPGOOD
Start-Up through EN
IOUT = 0A, forced CCM
Start-Up through EN
IOUT = 20A
CH3: VEN
CH2: VOUT
CH4: IL
CH1: VPGOOD
CH3: VEN
CH2: VOUT
CH4: IL
CH1:
VPGOOD
Shutdown through EN
IOUT = 0A, pulse skip
Shutdown through EN
IOUT = 0A, forced CCM
CH3: VEN
CH2: VOUT
CH4: IL
CH1: VPGOOD
CH3: VEN
CH2: VOUT
CH4: IL
CH1:
VPGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com