Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SB1068 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SB1068
Description  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SB1068 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SB1068 Datasheet HTML 1Page - Nanjing International Group Co 2SB1068 Datasheet HTML 2Page - Nanjing International Group Co 2SB1068 Datasheet HTML 3Page - Nanjing International Group Co 2SB1068 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=- 0.1mA,IE=0
-20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-16
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-16V,IE=0
-0.1
۷A
Emitter cut-off current
IEBO
VEB=-6V,IC=0
-0.1
۷A
hFE(1)
VCE=-2V, IC=-0.1A
135
650
DC current gain
hFE(2)
VCE=-2V, IC=-1.5A
100
VCE(sat)1
IC=-1A,IB=-10mA
-0.4
V
VCE(sat)2
IC=-1.5A,IB=-20mA
-0.5
V
Collector-emitter saturation voltage
VCE(sat)3
IC=-1.5A,IB=-75mA
-0.5
V
Base-emitter saturation voltage
VBE (sat)
IC=-1.5A,IB=-75mA
-1.2
V
Base-emitter voltage
VBE
VCE=-6V, IC=-5mA
-0.55
-0.65
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
60
pF
Transition frequency
fT
VCE=-10V,IC=-50mA
100
MHz
CLASSIFICATION OF hFE(1)
RANK
L
K
U
RANGE
135-270
200-400
300-650
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com