Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN6E Datasheet(PDF) 21 Page - STMicroelectronics

Part # NAND04GA3C2AN6E
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button NAND04GA3C2AN6E Datasheet HTML 17Page - STMicroelectronics NAND04GA3C2AN6E Datasheet HTML 18Page - STMicroelectronics NAND04GA3C2AN6E Datasheet HTML 19Page - STMicroelectronics NAND04GA3C2AN6E Datasheet HTML 20Page - STMicroelectronics NAND04GA3C2AN6E Datasheet HTML 21Page - STMicroelectronics NAND04GA3C2AN6E Datasheet HTML 22Page - STMicroelectronics NAND04GA3C2AN6E Datasheet HTML 23Page - STMicroelectronics NAND04GA3C2AN6E Datasheet HTML 24Page - STMicroelectronics NAND04GA3C2AN6E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
6 Device operations
21/51
The Ready/Busy signal can be used to monitor the start of the operation. During the latency
period the Ready/Busy signal goes Low, after this the Ready/Busy signal goes High, even if
the device is internally downloading page n+1.
Once the Cache Read operation has started, the Status Register can be read using the
Read Status Register command.
During the operation, SR5 can be read, to find out whether the internal reading is ongoing
(SR5 = ‘0’), or has completed (SR5 = ‘1’), while SR6 indicates whether the Cache Register
is ready to download new data.
To exit the Cache Read operation an Exit Cache Read command must be issued (see
Table 8).
Figure 7.
Cache Read Operation
6.5
Page Program
The Page Program operation is the standard operation to program data to the memory
array. Generally, data is programmed sequentially, however the device does support
Random Input within a page.
The memory array is programmed by page, however partial page programming is allowed
where any number of Bytes (1 to 2112) can be programmed.
Only one consecutive partial page program operations is allowed on the same page. After
exceeding this a Block Erase command must be issued before any further program
operations can take place in that page.
I/O
RB
Address
Inputs
ai08661
00h
Read
Setup
Code
31h
Cache
Read
Confirm
Code
Busy
tBLBH1
(Read Busy time)
1st page
Data Output
2nd page
3rd page
last page
34h
Exit
Cache
Read
Code
Block N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com