Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLD2N06CL Datasheet(PDF) 4 Page - ON Semiconductor

Part # MLD2N06CL
Description  SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MLD2N06CL Datasheet(HTML) 4 Page - ON Semiconductor

  MLD2N06CL Datasheet HTML 1Page - ON Semiconductor MLD2N06CL Datasheet HTML 2Page - ON Semiconductor MLD2N06CL Datasheet HTML 3Page - ON Semiconductor MLD2N06CL Datasheet HTML 4Page - ON Semiconductor MLD2N06CL Datasheet HTML 5Page - ON Semiconductor MLD2N06CL Datasheet HTML 6Page - ON Semiconductor MLD2N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MLD2N06CL
http://onsemi.com
4
Figure 3. ID(lim) Variation
With Temperature
Figure 4. RDS(on) Variation With
Gate−To−Source Voltage
Figure 5. On−Resistance Variation With
Temperature
Figure 6. Maximum Avalanche Energy
versus Junction Temperature
Figure 7. Drain−Source Sustaining
Voltage Variation With Temperature
TJ, JUNCTION TEMPERATURE (°C)
VGS = 5 V
VDS = 10 V
−50
0
50
100
150
5
4
3
2
1
0
6
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
ID = 1 A
01
2
3
9
10
1.0
0.8
0.6
0.4
0.2
0
45
6
78
TJ = −50°C
100
°C
25
°C
TJ, JUNCTION TEMPERATURE (°C)
ID = 1 A
−50
50
0
100
150
0.6
0.4
0.3
0.2
0.1
0
0.5
VGS = 4 V
VGS = 5 V
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 2 A
25
50
75
100
125
150
100
80
60
40
20
0
TJ = JUNCTION TEMPERATURE
−50
0
150
62.5
62.0
61.5
61.0
60.5
60.0
63.0
63.5
64.0
50
100
ID = 20 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com