Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEVKIT-ECM-001 Datasheet(PDF) 1 Page - CUI Devices

Part # DEVKIT-ECM-001
Description  MICROPHONE DEVELOPMENT KIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

DEVKIT-ECM-001 Datasheet(HTML) 1 Page - CUI Devices

  DEVKIT-ECM-001 Datasheet HTML 1Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 2Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 3Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 4Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 5Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 6Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 04/13/2023
page 1 of 7
MODEL: DEVKIT-ECM-001 | DESCRIPTION: MICROPHONE DEVELOPMENT KIT
cuidevices.com
FEATURES
• 4 detachable evaluation boards
• 1 noise cancelling, 1 unidirectional, & 2 omnidirectional ECM’s included
• plated through hole I/O terminals for multiple testing options
EVAL BOARD
circuit
technology
output
acoustic
size
sensitivity
current
port
dia
(mm)
typ
(dB)
typ
(
μA)
CMC-2742PBJ-A
MIC5
ECM
analog
top
6.0
-42
400
CMR-2747PB-A
MIC6
ECM
analog
top
6.0
-47
500
CMC-6015-47P
MIC7
ECM
analog
top
6.0
-47
500
CMEJ-0413-42-SMT-TR
MIC8
ECM
analog
top
4.0
-42
500
OPERATIONAL INSTRUCTIONS
The CUI Devices electret condenser microphone (ECM) evaluation board consists of four independent microphone evaluation circuits. One
of the microphones is constructed to be noise cancelling, one is constructed to provide unidirectional sound capture, and 2 are constructed
to provide omnidirectional sound capture. External bypass capacitors are included on the power supply rails of the evaluation boards and
DC blocking capacitors are placed in the analog output signal paths.
A DC power supply of 2~10 Volts should be connected between the VDD and GND pins for the ECM evaluation circuits. The recommended
operating voltage for all of the evaluation boards is 2 V.
Please refer to the respective data sheets for additional information regarding each of the microphones.
Additional Resources: Product Page


Similar Part No. - DEVKIT-ECM-001

ManufacturerPart #DatasheetDescription
logo
CUI INC
DEVKIT-ECM-001 CUI-DEVKIT-ECM-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/02/2020
More results

Similar Description - DEVKIT-ECM-001

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
SPIRIT1 development kit
28-Nov-2013
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
logo
CUI INC
DEVKIT-ECM-001 CUI-DEVKIT-ECM-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/02/2020
DEVKIT-MEMS-001 CUI-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/06/2020
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
logo
CUI Devices
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com