Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMDF2C03HDR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMDF2C03HDR2
Description  Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C03HDR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MMDF2C03HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 9Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MMDF2C03HD
http://onsemi.com
6
Figure 7. Capacitance Variation
Figure 7. Capacitance Variation
10
0
10
15
25
TJ = 25°C
VDS = 0 V VGS = 0 V
1000
800
600
400
200
0
20
Ciss
Coss
Crss
55
Ciss
Crss
30
1200
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
400
600
800
1200
1000
10
0
10
15
20
30
VGS
VDS
55
Crss
TJ = 25°C
200
25
Ciss
VDS = 0 V VGS = 0 V
Ciss
Coss
Crss
0
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS
VDS
N−Channel
P−Channel
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
Qg, TOTAL GATE CHARGE (nC)
02
4
6
8
ID = 3 A
TJ = 25°C
VGS
6
3
0
12
9
24
18
12
6
0
VDS
QT
Q1
Q2
Q3
10
12
RG, GATE RESISTANCE (OHMS)
1000
1
100
10
1
VDD = 15 V
ID = 3 A
VGS = 10 V
TJ = 25°C
td(on)
tr
100
10
td(off)
tf
24
20
16
12
8
4
0
0
10
6
2
0
12
8
4
24
6
8
16
ID = 2 A
TJ = 25°C
10
12
14
VDS
VGS
QT
Q2
Q3
Q1
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
100
10
1
VDD = 15 V
ID = 2 A
VGS = 10 V
TJ = 25°C
tr
tf
td(off)
td(on)
Qg, TOTAL GATE CHARGE (nC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com