Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR132-22-AE3-3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR132-22-AE3-3-R
Description  200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR132-22-AE3-3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UR132-22-AE3-3-R Datasheet HTML 1Page - Unisonic Technologies UR132-22-AE3-3-R Datasheet HTML 2Page - Unisonic Technologies UR132-22-AE3-3-R Datasheet HTML 3Page - Unisonic Technologies UR132-22-AE3-3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UR132
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R102-007,G
MARKING INFORMATION
PACKAGE
VOLTAGE CODE Pin Assignment
MARKING
OGI
RXX
SOT-23
GOI
RXX5
SOT-25
12:1.2V
15 :1.5V
18:1.8V
22:2.2V
2E:2.5V
26:2.6V
27:2.7V
28:2.8V
30:3.0V
33:3.3V
50:5.0V
AD:ADJ
IGNNO
RXX
BLOCK DIAGRAM
VOUT
VIN
Current Limit
Themal Limit
Current Amp
+
-
+
VREF
1.25V
GND
ADJ
For
Fixed
Voltage
Device



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com