Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RB13 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # RB13
Description  RB13 SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RB13 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  RB13 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RB13 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RB13 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RB13 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2062
, REV.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
RB13
RB13 SURFACE MOUNT
SCHOTTKY BARRIER DIODE
Characteristic
Symbol
Typ.
Max.
Unit
Forward Voltage Drop *
@IF=1.0A
VFM
0.55
0.57
V
Peak Reverse Leakage Current*
IRM
8
50
uA
Junction Capacitance(VR=0V, f=1MHz)
CJ
58
-
pF
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
RB13
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IF
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated
load(JEDEC Method)
IFSM
5
A
Typical Thermal Resistance, Junction to Ambient Air
RθJA
667
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55 to +125
°C
Case: SOT-353, Molded Plastic
SOT-353
Low forward voltage
This is a Halogen Free device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request


Similar Part No. - RB13

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RB1314100ML ABC-RB1314100ML Datasheet
347Kb / 4P
RADIAL INDUCTOR
RB1314101KL ABC-RB1314101KL Datasheet
347Kb / 4P
RADIAL INDUCTOR
RB1314102KL ABC-RB1314102KL Datasheet
347Kb / 4P
RADIAL INDUCTOR
RB1314103KL ABC-RB1314103KL Datasheet
347Kb / 4P
RADIAL INDUCTOR
RB1314150ML ABC-RB1314150ML Datasheet
347Kb / 4P
RADIAL INDUCTOR
More results

Similar Description - RB13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com