Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADFS7124-4BBCPZ-RL7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADFS7124-4BBCPZ-RL7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ-RL7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADFS7124-4BBCPZ-RL7 Datasheet HTML 66Page - Analog Devices ADFS7124-4BBCPZ-RL7 Datasheet HTML 67Page - Analog Devices ADFS7124-4BBCPZ-RL7 Datasheet HTML 68Page - Analog Devices ADFS7124-4BBCPZ-RL7 Datasheet HTML 69Page - Analog Devices ADFS7124-4BBCPZ-RL7 Datasheet HTML 70Page - Analog Devices ADFS7124-4BBCPZ-RL7 Datasheet HTML 71Page - Analog Devices ADFS7124-4BBCPZ-RL7 Datasheet HTML 72Page - Analog Devices ADFS7124-4BBCPZ-RL7 Datasheet HTML 73Page - Analog Devices ADFS7124-4BBCPZ-RL7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
Data Sheet
ADFS7124-4
DIAGNOSTICS
analog.com
Rev. 0 | 70 of 93
result in the MCLK_COUNT register. The MCLK_COUNT register
wraps around after it reaches its maximum value.
Note that the incrementation of the register is asynchronous to
the register read. If a register read coincides with the register
incrementation, it is possible to read an invalid value. To prevent
this, read the register four times rather than once, then read the
register four times again at a later point. By reading four values, it is
possible to identify the correct register value at the start and at the
end of the timing instants.
SPI SCLK COUNTER
The SPI SCLK counter counts the number of SCLK pulses used in
each read and write operation. CS must frame every read and write
operation when this function is used. All read and write operations
are multiples of eight SCLK pulses (8, 16, 32, 40, 48). If the SCLK
counter counts the SCLK pulses and the result is not a multiple
of eight, an error is flagged; the SPI_SCLK_CNT_ERR bit in the
error register is set. If a write operation is being performed and
the SCLK contains an incorrect number of SCLK pulses, the value
is not written to the addressed register and the write operation is
aborted.
The SCLK counter is enabled by setting the SPI_SCLK_
CNT_ERR_EN bit in the ERROR_EN register.
SPI READ/WRITE ERRORS
Along with the SCLK counter, the ADFS7124-4 can also check
the read and write operations to ensure that valid registers are
being addressed. When the SPI_READ_ERR_EN bit or the SPI_
WRITE_ERR_EN bit in the ERROR_EN register are set, the
ADFS7124-4 checks the address of the read/write operations. If
there is an attempt to write to or read from any register other than
the user registers described in this data sheet, an error is flagged;
the SPI_READ_ERR bit or the SPI_WRITE_ERR bit in the error
register is set and the read/write operation is aborted.
This function, along with the SCLK counter and the CRC, makes
the serial interface more robust. Invalid registers are not written to
or read from. An incorrect number of SCLK pulses can cause the
serial interface to go asynchronous and incorrect registers to be
accessed. The ADFS7124-4 protects against these issues via the
diagnostics.
SPI_IGNORE ERROR
At certain times, the on-chip registers are not accessible. For
example, during power-up, the on-chip registers are set to their
default values. Wait until this operation is complete before writing
to registers. Also, when offset or gain calibrations are being per-
formed, registers cannot be accessed. If writing to registers during
these busy periods, the SPI_IGNORE_ERR flag is set, indicating
that the ADC is busy and the write operation is ignored. The
SPI_IGNORE_ERR flag is cleared when the bit is read. This diag-
nostic is enabled by default. The function can be disabled using the
SPI_IGNORE_ERR_EN bit in the ERROR_EN register.
CHECKSUM PROTECTION
The ADFS7124-4 has a checksum mode that can be used to
improve interface robustness. Using the checksum ensures that
only valid data is written to a register and allows data read from a
register to be validated. If an error occurs during a register write,
the CRC_ERR bit is set in the error register. However, to ensure
that the register write was successful, read back the register and
verify the checksum.
For CRC checksum calculations, the following polynomial is always
used:
x8 + x2 + x + 1
The CRC_ERR_EN bit in the ERROR_EN register enables and
disables the checksum.
The checksum is appended to the end of each read and write
transaction. The checksum calculation for the write transaction is
calculated using the 8-bit command word and the 8-bit to 24-bit
data. For a read transaction, the checksum is calculated using the
command word and the 8-bit to 32-bit data output. Figure 122 and
Figure 123 show SPI write and read transactions, respectively.
Figure 122. SPI Write Transaction with CRC
Figure 123. SPI Read Transaction with CRC
If checksum protection is enabled when continuous read mode is
active, there is an implied command of 0x99 before every data
transmission that must be accounted for when calculating the
checksum value. This ensures a nonzero checksum value even if
the ADC data equals 0x000000.
MEMORY MAP CHECKSUM PROTECTION
For added robustness, a CRC calculation is performed on the
on-chip registers as well. The status register, data register, error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com