Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA3308 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BA3308
Description  DUAL PREAMPLIFIER WITH ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA3308 Datasheet(HTML) 2 Page - Unisonic Technologies

  BA3308 Datasheet HTML 1Page - Unisonic Technologies BA3308 Datasheet HTML 2Page - Unisonic Technologies BA3308 Datasheet HTML 3Page - Unisonic Technologies BA3308 Datasheet HTML 4Page - Unisonic Technologies BA3308 Datasheet HTML 5Page - Unisonic Technologies BA3308 Datasheet HTML 6Page - Unisonic Technologies BA3308 Datasheet HTML 7Page - Unisonic Technologies BA3308 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTCBA3308
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
www.unisonic.com.tw
QW-R107-015,A
ABSOLUTE MAXIMUM RATINGS
(Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
16
V
SIP-9
950
*1
Power Dissipation
SOP-14
PD
450
*2
mW
Operating Temperature
TOPR
0 ~ +70
℃
Storage Temperature
TSTG
-65 ~ +125
℃
*1 Reduced by 9.5mW for each increase in Ta of 1°C over 25°C.
*2 Reduced by 4.5mW for each increase in Ta of 1°C over 25°C.
(when mounted on a 70mm ×70mm ×1.6mm glass epoxy board)
RECOMMENDED OPERATING CONDITIONS
(Ta = 25℃)
Power supply voltagerange 1
+6.0V ~ +14V ( Ta = 25~ +75℃ )
Power supply voltagerange 2
+4.5V ~ +14V ( Ta = 0~ +75℃ )
* When it is used below Ta = 0℃, please use it within the range of operating power supply voltage1.
ELECTRICAL CHARACTERISTICS
(Ta =25℃, VCC =7.0V, f =1kHz and BPF: 20Hz ~ 20kHz, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum output voltage
VOM
THD=1%
0.6
1.2
Vrms
Input conversion noise voltage
VNIN
Conversion with Rg=2.2kΩ and
NAB34dB at 1kHz
1.0
2.0
µVrms
Quiescent current
IQ
VIN =0Vrms
1.5
3.3
4.5
mA
Input resistance
RIN
15
31.5
45
kΩ
Total harmonic distortion
THD
NAB34dB, VOUT =40mVrms
0.1
0.3
%
Open loop voltage gain
GVO
VOUT = −10dBV
70
80
dB
ALC range
ALC
RG =3.9kΩ, VIN =−70dBV
reference, THD=3%
40
70
dB
ALC channel balance
∆ALC
VIN = −60dBV, −30dBV
0
2.5
dB
Channel separation
CS
VO =0dBV, NAB34dB
60
75
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com