Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2940L-XX-TN3-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LM2940L-XX-TN3-R
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940L-XX-TN3-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button LM2940L-XX-TN3-R Datasheet HTML 3Page - Unisonic Technologies LM2940L-XX-TN3-R Datasheet HTML 4Page - Unisonic Technologies LM2940L-XX-TN3-R Datasheet HTML 5Page - Unisonic Technologies LM2940L-XX-TN3-R Datasheet HTML 6Page - Unisonic Technologies LM2940L-XX-TN3-R Datasheet HTML 7Page - Unisonic Technologies LM2940L-XX-TN3-R Datasheet HTML 8Page - Unisonic Technologies LM2940L-XX-TN3-R Datasheet HTML 9Page - Unisonic Technologies LM2940L-XX-TN3-R Datasheet HTML 10Page - Unisonic Technologies LM2940L-XX-TN3-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R102-016.E
TYPICAL CHARACTERISTICS (Cont.)
04
6
2
2
8
10
0
4
6
Input Voltage (V)
12
14
8
10
12
14
Low Voltage Behavior
06
3
39
12
0
6
Input Voltage (V)
15
18
9
12
15
18
Low Voltage Behavior
IOUT=1A
06
3
39
12
0
6
Input Voltage (V)
15
18
9
12
15
18
Low Voltage Behavior
-30
-10
0
0
-20
10
20
-2
2
4
Input Voltage (V)
30 40
6
8
10
12
Output at Voltage Extremes
RO=100Ω
VOUT=5V
-30
-10
0
0
-20
10
20
-4
4
8
Input Voltage (V)
30
40
12
16
20
Output at Voltage Extremes
VoUT=8V
-30
-10
0
0
-20
10
20
-4
4
8
Input Voltage (V)
30 40
12
16
20
Output at Voltage Extremes
VoUT=9V
RO=100Ω
RO=100Ω
VOUT=10 V
TJ=25℃
IOUT=1A
VOUT=12 V
TJ=25℃
IOUT=1A
VOUT=15 V
TJ=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com