Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L1119L-12-AB3-I-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L1119L-12-AB3-I-R
Description  1.5A LOW DROPOUT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1119L-12-AB3-I-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L1119L-12-AB3-I-R Datasheet HTML 1Page - Unisonic Technologies L1119L-12-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies L1119L-12-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies L1119L-12-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies L1119L-12-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies L1119L-12-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies L1119L-12-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L1119
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-051,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VIN
-0.3 ~ +7.5
V
Output Voltage
VOUT
-0.3 ~ +7.5
V
Output Current
IOUT
Short Circuit Protected
Power Dissipation
PD
Internally Limited
Operating Junction Temperature
TOPR
-40 ~ +125
℃
Storage Temperature
TSTG
-65 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VIN
2.5 ~ 7.0
V
Maximum Operating Current (DC)
IOPR(MAX)
1.5
A
Operating Junction Temperature
TJ
-40 ~ +125
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TJ=25°C, VIN =VOUT+1V, IL=10mA, COUT=33µF, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IL = 150 mA
38
45
Dropout Voltage (Note)
VD
IL = 1.5 A
870
mV
Peak Output Current
IPEAK
2.0
2.5
A
IL = 150 mA
4
9
Ground Pin Current
IGND
IL = 1.5 A
5
14
mA
Output Voltage Tolerance
VOUT
10 mA ≤ IL ≤ 1.5A
VOUT +1 ≤ VIN≤ 7.0V
-1.5
0
+1.5
%
Line Regulation
∆VOUT VOUT+1V<VIN<7.0V
0.1
%
Load Regulation
∆VOUT 10 mA < IL < 1.5 A
1.5
%
SHORT CIRCUIT PROTECTION
Short Circuit Current
ISC
4.5
A
AC PARAMETERS
Output Noise Density
ρN(l/f)
f = 120Hz
0.8
µV
BW = 10Hz – 100kHz
150
Output Noise Voltage
eN
BW = 300Hz – 300kHz
100
µV(rms)
VIN = VOUT + 1.5V
COUT =100uF, VOUT = 3.3V
60
Ripple Rejection
RR
VIN = VOUT + 0.3V
COUT =100uF, VOUT = 3.3V
40
dB
OVER TEMPERATURE PROTECTION
Shutdown Threshold
TSHDN
165
°C
Thermal Shutdown Hysteresis
THYS
10
°C
Note:
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2%
below the nominal value. Dropout voltage specification applies only to output voltages of 2.5V and above. For
output voltages below 2.5V, the drop-out voltage is nothing but the input to output differential, since the
minimum input voltage is 2.5V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com