Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L1119L-18-AB3-I-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L1119L-18-AB3-I-R
Description  1.5A LOW DROPOUT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1119L-18-AB3-I-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L1119L-18-AB3-I-R Datasheet HTML 1Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies L1119L-18-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
L1119
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-051,B
TYPICAL CHARACTERISTICS(Cont.)
100
0.01
10
Frequency (Hz)
Output Noise Density
1
0.1
1000
10000
100000
VOUT=2.5V
COUT=33μF
COUT=68μF
100
0.01
10
Output Noise Density
1
0.1
1000
10000
100000
VOUT=5V
COUT=33μF
COUT=68μF
Frequency (Hz)
10
-10
90
Frequency (Hz)
Ripple Rejection vs Frequency
1M
100K
10K
1K
100
0
10
20
30
40
50
60
70
80
COUT=100μF
IL=10mA
COUT=100μF
IL=800mA
COUT=68μF
IL=10mA
0
Load Transient Response
3.2
20μs/DIV
2
3.3
3.4
3.5
3.6
Line Transient Response
5.4
10μs/DIV
3.2
3.3
3.4
4.4
Line Transient Response
5.3
10μs/DIV
3.2
3.3
3.5
4.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com