Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR1118-30-AB3-C-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1118-30-AB3-C-R
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1118-30-AB3-C-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1118-30-AB3-C-R Datasheet HTML 1Page - Unisonic Technologies LR1118-30-AB3-C-R Datasheet HTML 2Page - Unisonic Technologies LR1118-30-AB3-C-R Datasheet HTML 3Page - Unisonic Technologies LR1118-30-AB3-C-R Datasheet HTML 4Page - Unisonic Technologies LR1118-30-AB3-C-R Datasheet HTML 5Page - Unisonic Technologies LR1118-30-AB3-C-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1118
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R102-029,A
LOW DROP POSITIVE
VOLTAGE REGULATORS
DESCRIPTION
The UTC LR1118 is a low drop voltage regulator able to provide
up to 1A of output current, available also for adjustable version
(VREF=1.24V). Output consists of pnp power transistor. So that
dropout voltage can be extremely low.
FEATURES
* 2.85V device are suitable for SCSI-2 active termination
* Output current up to 1A
* Adjustable version available.(VREF=1.24V)
* Internal current and thermal limit
* Available in
±1%(at 25°C) and 2% in all temperature range
SOP-8
SOT-223
1
TO-220
TO-252
TO-263
1
1
1
TO-263-3
1
1
SOT-89
*Pb-free plating product number: LR1118L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
①
Pin Assignment
②
Packing
LR1118-xx-AA3-①-②
LR1118L-xx-AA3-①-②
SOT-223
LR1118-xx-AB3-①-②
LR1118L-xx-AB3-①-②
SOT-89
LR1118-xx-TA3-①-②
LR1118L-xx-TA3-①-②
TO-220
LR1118-xx-TN3-①-②
LR1118L-xx-TN3-①-②
TO-252
LR1118-xx-TQ2-①-②
LR1118L-xx-TQ2-①-②
TO-263
LR1118-xx-TQ3-①-②
LR1118L-xx-TQ3-①-②
TO-263-3
A: GOI
B: OGI
C: GIO
D: IGO
LR1118-xx-S08-①-②
LR1118L-xx-S08-①-②
SOP-8
GOOIxOOx
R: Tape Reel
T: Tube
Note: 1. Pin assignment: I:Vin O:Vout G:GND x:NC
2. xx: Output Voltage, refer to Marking Information.
LR1118L-xx-AA3-
-
(1)Packing Type
(3)Package Type
(4)Output Voltage Code
(5)Lead Plating
(2)Pin Assignment
(1) R: Tape Reel, T: Tube
(2) refer to Pin Assignment
(3) AA3: SOT-223, AB3: SOT-89, TA3: TO-220
TN 3: TO-252, TQ2: TO-263, TQ3: TO-263-3,
S 08: SOP-8
(4) xx: refer to Marking Information
(5) L: Lead Free Plating, Blank: Pb/Sn
2
1


Similar Part No. - LR1118-30-AB3-C-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118 UTC-LR1118 Datasheet
236Kb / 8P
LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1118 ETL-LR1118 Datasheet
260Kb / 8P
LOW DROP POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1118 UTC-LR1118 Datasheet
257Kb / 8P
LOW DROP POSITIVE VOLTAGE REGULATOR
LR1118G-XX-AA3-A-R UTC-LR1118G-XX-AA3-A-R Datasheet
236Kb / 8P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118G-XX-AA3-A-T UTC-LR1118G-XX-AA3-A-T Datasheet
236Kb / 8P
LOW DROP POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1118-30-AB3-C-R

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD1117 YOUDA-YD1117 Datasheet
84Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117 UTC-LD1117_05 Datasheet
344Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
Low drop fixed and adjustable positive voltage regulators
15-Apr-2008
logo
Unisonic Technologies
LR1116B UTC-LR1116B Datasheet
271Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116_10 Datasheet
226Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116_12 Datasheet
285Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118 UTC-LR1118_12 Datasheet
236Kb / 8P
LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1116_B ETL-LR1116_B Datasheet
241Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118 ETL-LR1118 Datasheet
260Kb / 8P
LOW DROP POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
LOW DROP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com