Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1270AN Datasheet(PDF) 21 Page - Microchip Technology

Part # TC1270AN
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AN Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC1270AN Datasheet HTML 17Page - Microchip Technology TC1270AN Datasheet HTML 18Page - Microchip Technology TC1270AN Datasheet HTML 19Page - Microchip Technology TC1270AN Datasheet HTML 20Page - Microchip Technology TC1270AN Datasheet HTML 21Page - Microchip Technology TC1270AN Datasheet HTML 22Page - Microchip Technology TC1270AN Datasheet HTML 23Page - Microchip Technology TC1270AN Datasheet HTML 24Page - Microchip Technology TC1270AN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 21
TC1270A/70AN/71A
4.5
Reset Generator Circuit
The output signals from the voltage detect circuit and
the manual Reset with glitch filter circuit are OR’d
together and used to activate the Reset generator
module.
After the Reset conditions have been removed (the MR
pin is no longer forced low and the input voltage is
greater than the trip point voltage), the Reset generator
circuit determines the Reset delay time-out required.
There are three options for the delay circuit. These are:
• 2.19 ms (typical) delay
• 35 ms (typical) delay
• 280 ms (typical) delay
4.5.1
RESET DELAY TIMER
The Reset Delay Timer ensures that the TC127XA
device will “hold” the embedded system in Reset until
the system voltage has stabilized. The Reset Delay
Timer time-out is shown in Table 4-4.
The Reset Delay Timer starts when the voltage detect
circuit output AND the manual Reset with glitch filter
circuit output become inactive. While the Reset Delay
Timer is active, the RST or RST pin is driven to the
active state. When the Reset Delay Timer times out,
the RST or RST pin is driven inactive.
The Reset Delay Timer (tRST) starts after the device
voltage rises above the “actual” trip point (VTRIP).
When the Reset Delay Timer times out, the Reset out-
put pin (RST/RST) is driven inactive.
The Reset Delay Timer is cleared if either, or both, the
voltage detector circuit output and the manual Reset
with glitch filter circuit output become active. The RST
or RST pin continues to be driven to the active state.
Figure 4-12 illustrates when the Reset Delay Timer
(tRST) is active or inactive.
4.5.2
EFFECT OF TEMPERATURE ON
RESET POWER-UP TIMER (tRPU)
The Reset Delay Timer time-out period (tRST)
determines how long the device remains in the Reset
condition. This time out is affected by the device VDD
and the temperature. Typical responses for varying
VDD values and temperatures are presented in
Figures 2-28, 2-29 and 2-30.
TABLE 4-4:
RESET DELAY TIMER
TIME OUTS
FIGURE 4-12:
Reset Power-Up Timer
Waveform.
tRST
Units
Min.
Typ.
Max.
1.09
2.19
4.38
ms
17.5
35
70
ms
140
280
560
ms

This is the
minimum time that
the Reset Delay
Timer will “hold”
the Reset pin
active after VDD
rises above VTRIP
This is the
maximum time that
the Reset Delay
Timer will “hold”
the Reset pin
active after VDD
rises above VTRIP
Note 1: Shaded rows are custom-ordered time
outs.
VTRIP
VDD
RST
tRST
Reset Delay
Timer Inactive
Reset
Delay
Timer
Inactive
See Figures 2-9,
2-7 and 2-8
See Figures 2-12, 2-11 and 2-10
See Figures 2-9,
2-7 and 2-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com