Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1270ALBVRCTR Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1270ALBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270ALBVRCTR Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1270ALBVRCTR Datasheet HTML 11Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 12Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 13Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 14Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 15Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 16Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 17Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 18Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 15
TC1270A/70AN/71A
3.1
Ground Terminal (VSS)
VSS provides the negative reference for the analog
input voltage. Typically, the circuit ground is used.
3.2
Supply Voltage (VDD)
VDD can be used for power supply monitoring or a
voltage level that requires monitoring.
3.3
Reset Output (RST and RST)
There are three types of Reset output pins. These are:
1.
Push-Pull active-low Reset
2.
Push-Pull active-high Reset
3.
Open-Drain active-low Reset, external pull-up
resistor required.
3.3.1
ACTIVE-LOW (RST) – PUSH-PULL
The RST push-pull output remains low while VDD is
below the Reset voltage threshold (VTRIP). The time
that the RST pin is held low after the device voltage
(VDD) returns to a high level (> VTRIP) is typically
280 ms. After the Reset Delay Timer expires, the RST
pin will be driven to the high state.
3.3.2
ACTIVE-HIGH (RST) – PUSH-PULL
The RST push-pull output remains high while VDD is
below the Reset voltage threshold (VTRIP). The time
that the RST pin is held high after the device voltage
(VDD) returns to a high level (> VTRIP) is typically
280 ms. After the Reset Delay Timer expires, the RST
pin will be driven to the low state.
3.3.3
ACTIVE-LOW (RST) – OPEN-DRAIN
The RST open-drain output remains low while VDD is
below the Reset voltage threshold (VTRIP). The time
that the RST pin is held low after the device voltage
(VDD) returns to a high level (> VTRIP) depends on the
Reset time-out selected. After the Reset Delay Timer
expires, the RST pin will float.
3.4
Manual Reset Input (MR)
The Manual Reset (MR) input pin allows a push button
switch to easily be connected to the system. When the
push button is depressed, it forces a system Reset.
This pin has circuitry that filters noise that may be
present on the MR signal.
The MR pin is active-low and has an internal pull-up
resistor.
3
333
3
3
MR
IST(1)
Manual Reset Input Pin
This input allows a push button switch to be
directly connected to a TC1270A/70AN/71A
device’s MR pin, which can be used to force a
system Reset. The input filter ignores noise
pulses that occur on the MR pin.
H = Switch is open (internal pull-up resistor
pulls signal high). State of the RST/RST
pin is determined by other system condi-
tions.
L = Switch is depressed (shorted to ground).
This forces the RST/RST pin Active.
2
424
2
4
VDD
—
Power Supply Voltage
1
—1
—1
—
NC
—
—
No Connection
TABLE 3-1:
PINOUT DESCRIPTION (CONTINUED)
Pin Number
Sym.
Pin
Standard Function
TC1270A
(Push-Pull,
active-low)
TC1270AN
(Open-Drain,
active-low)
TC1271A
(Push-Pull,
active-high)
Type
Buffer /
Driver
Note 1: The MR pin has an internal weak pull-up (18.5 k
 typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com