Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD1691 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1691
Description  LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1691 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1691 Datasheet HTML 1Page - Unisonic Technologies 2SD1691 Datasheet HTML 2Page - Unisonic Technologies 2SD1691 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC 2SD1691 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R217-003,A
LOW COLLECTOR SATURATION
VOLTAGE LARGE CURRENT
FEATURES
*High Power Dissipation: Pc=1.5W(Ta=25℃)
*Complementary to 2SB1151
TO-126C
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
DC
Ic
5
Collector Current
Pulse (Note 1)
Icp
8
A
Base Current
IB
1
A
Ta=25℃
1.5
Collector Power Dissipation
Tc=25℃
Pc
20
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55 ~ +150
℃
Note 1 :PW≦10ms,Duty Cycle≦50%
ELECTRICAL CHARACTERISTICS(Ta=25℃,unless otherwise specified )
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN
TYP. MAX. UNIT
Collector Cut-off Current
ICBO
VCB=50V,IE=0
10
μ
A
Emitter Cut-off Current
IEBO
VEB=7V,Ic=0
10
μ
A
hFE1
VCE=1V,Ic=0.1A
60
hFE2*
VCE=1V,Ic=2A
160
400
DC Current Gain
hFE3
VCE=2V,Ic=5A
50
-
Collector-Emitter Saturation Voltage
VCE(sat)*
Ic=2A,IB=0.2A
0.1
0.3
V
Base-Emitter Saturation Voltage
VBE(sat)*
Ic=2A,IB=0.2A
0.9
1.2
V


Similar Part No. - 2SD1691

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1691 NEC-2SD1691 Datasheet
150Kb / 2P
NPN SILICON POWER TRANSISTOR
logo
Savantic, Inc.
2SD1691 SAVANTIC-2SD1691 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Renesas Technology Corp
2SD1691 RENESAS-2SD1691 Datasheet
237Kb / 6P
SILICON POWER TRANSISTOR
logo
Unisonic Technologies
2SD1691 UTC-2SD1691 Datasheet
250Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Tiger Electronic Co.,Lt...
2SD1691 TGS-2SD1691 Datasheet
59Kb / 1P
It is intented for use in power amplifier and switching applications.
More results

Similar Description - 2SD1691

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSB1151 SAMSUNG-KSB1151 Datasheet
160Kb / 5P
PNP (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
Low Collector-Emitter Saturation Voltage Large Collector Current
logo
KEC(Korea Electronics)
KTA1385D KEC-KTA1385D Datasheet
400Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
KTB1151 KEC-KTB1151 Datasheet
383Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
KTC5103D KEC-KTC5103D Datasheet
400Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
logo
Unisonic Technologies
2SB1151 UTC-2SB1151 Datasheet
114Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
2SB1151 UTC-2SB1151_10 Datasheet
229Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
2SD1691 UTC-2SD1691_10 Datasheet
250Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Fairchild Semiconductor
KSD1691OS FAIRCHILD-KSD1691OS Datasheet
52Kb / 5P
Low Collector-Emtter Saturation Voltage & Large Collector Current
KSD1691GS FAIRCHILD-KSD1691GS Datasheet
52Kb / 5P
Low Collector-Emtter Saturation Voltage & Large Collector Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com