Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC2762T Datasheet(PDF) 2 Page - NEC

Part # UPC2762T
Description  3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2762T Datasheet(HTML) 2 Page - NEC

  UPC2762T Datasheet HTML 1Page - NEC UPC2762T Datasheet HTML 2Page - NEC UPC2762T Datasheet HTML 3Page - NEC UPC2762T Datasheet HTML 4Page - NEC UPC2762T Datasheet HTML 5Page - NEC UPC2762T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UPC2762T, UPC2763T
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TEST CIRCUIT
VCC
50
Ω
OUT
1000 pF
IN
50
Ω
1000 pF
1000 pF
6
1
4
2, 3, 5
L = 300 nH
Frequency, f (GHz)
50
40
30
20
10
0
0
1
23
4
20
18
16
14
12
10
8
6
4
2
0.1
0.3
1.0
3.0
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
GS
NF
10
8
6
2
4
Supply Voltage, VCC (V)
UPC2762T
NOISE FIGURE AND GAIN vs.
FREQUENCY AND VOLTAGE
VCC = 3.0 V
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
3.6
ICC
Total Supply Current
mA
70
PIN
Input Power
dBm
+10
PT
Total Power Dissipation2
mW
280
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
SYMBOLS
PARAMETERS
UNITS
MIN
TYP MAX
VCC
Supply Voltage
V
2.7
3
3.3
TOP
Operating Temperature
°C
-40
25
85
RECOMMENDED OPERATING CONDITIONS
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB (TA = 85
°C).
UPC2763T
NOISE FIGURE AND GAIN vs.
FREQUENCY AND VOLTAGE
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
24
22
20
18
16
14
12
10
8
6
0.1
0.3
1.0
3.0
7
6
5
4
3
GS
NF
Frequency, f (GHz)
Operating Temperature, TOP (
°C)
UPC2762T/63T
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC2762T/63T
SUPPLY CURRENT vs.
OPERATING TEMPERATURE
50
40
30
10
0
20
-60
-40
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com