Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2262AMFKB Datasheet(PDF) 37 Page - STMicroelectronics

Part # TLV2262AMFKB
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AMFKB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TLV2262AMFKB Datasheet HTML 33Page - STMicroelectronics TLV2262AMFKB Datasheet HTML 34Page - STMicroelectronics TLV2262AMFKB Datasheet HTML 35Page - STMicroelectronics TLV2262AMFKB Datasheet HTML 36Page - STMicroelectronics TLV2262AMFKB Datasheet HTML 37Page - STMicroelectronics TLV2262AMFKB Datasheet HTML 38Page - STMicroelectronics TLV2262AMFKB Datasheet HTML 39Page - STMicroelectronics TLV2262AMFKB Datasheet HTML 40Page - STMicroelectronics TLV2262AMFKB Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 56
GAIN-BANDWIDTH PRODUCT †‡
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
800
600
400
1000
1200
− 50 − 25
0
25
50
100
75
VDD = 5 V
f = 10 kHz
CL = 100 pF
− 75
125
Figure 57
PHASE MARGIN
vs
LOAD CAPACITANCE
10
10 2
10 3
10 4
CL − Load Capacitance − pF
75
°
60
°
45
°
30
°
15
°
0
°
Rnull = 50 Ω
Rnull = 100 Ω
TA = 25°C
Rnull = 20 Ω
Rnull = 10 Ω
50 k
Ω
50 k
Ω
VDD −/GND
VDD +
Rnull
CL
VI
+
−
Rnull = 0
Figure 58
20
10
5
0
15
GAIN MARGIN
vs
LOAD CAPACITANCE
10
10 2
10 3
10 4
CL − Load Capacitance − pF
Rnull = 20 Ω
RL = 50 kΩ
A V = 1
TA = 25°C
Rnull = 0
Rnull = 10 Ω
Rnull = 100 Ω
Rnull = 50 Ω
Figure 59
600
400
200
800
UNITY-GAIN BANDWIDTH
vs
LOAD CAPACITANCE
1000
10
10 2
10 3
10 4
CL − Load Capacitance − pF
TA = 25°C
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.
‡ Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com