Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2262AMUB Datasheet(PDF) 28 Page - STMicroelectronics

Part # TLV2262AMUB
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AMUB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TLV2262AMUB Datasheet HTML 24Page - STMicroelectronics TLV2262AMUB Datasheet HTML 25Page - STMicroelectronics TLV2262AMUB Datasheet HTML 26Page - STMicroelectronics TLV2262AMUB Datasheet HTML 27Page - STMicroelectronics TLV2262AMUB Datasheet HTML 28Page - STMicroelectronics TLV2262AMUB Datasheet HTML 29Page - STMicroelectronics TLV2262AMUB Datasheet HTML 30Page - STMicroelectronics TLV2262AMUB Datasheet HTML 31Page - STMicroelectronics TLV2262AMUB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 22
SHORT-CIRCUIT OUTPUT CURRENT †
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
4
2
6
10
12
8
0
−4
− 50
− 25
0
25
50
75
100
−2
VO = 2.5 V
VDD = 5 V
VID = − 100 mV
VID = 100 mV
− 75
125
Figure 23
0
800
0
0.5
1
1.5
400
200
600
DIFFERENTIAL INPUT VOLTAGE‡
vs
OUTPUT VOLTAGE
1000
2
2.5
3
− 200
− 400
− 600
− 800
− 1000
VDD = 3 V
RI = 50 kΩ
VIC = 1.5 V
TA = 25°C
VO − Output Voltage − V
Figure 24
0
800
01
3
400
200
600
DIFFERENTIAL INPUT VOLTAGE‡
vs
OUTPUT VOLTAGE
1000
24
5
− 200
− 400
− 600
− 800
− 1000
VO − Output Voltage − V
VDD = 5 V
VIC = 2.5 V
RL = 50 kΩ
TA = 25°C
Figure 25
DIFFERENTIAL VOLTAGE AMPLIFICATION‡
vs
LOAD RESISTANCE
RL − Load Resistance − kΩ
100
10
1
1000
VDD = 3 V
VDD = 5 V
VO(PP) = 2 V
TA = 25°C
10 3
10 4
10 5
10 6
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com