Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

81N10-H-AB3-I-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # 81N10-H-AB3-I-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N10-H-AB3-I-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button 81N10-H-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 10Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 11Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 12Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 13Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 14Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 15
www.unisonic.com.tw
QW-R502-039,I
TYPICAL PERFORMANCE CHARACTERISTICS(Cont.)
0
3
81N29
2
1
3
4
0
4
2
1
Input Voltage, VIN (V)
VIN-VOUT:100kΩ
Ta=25℃/ 80℃
1
3
4
81N30
4
2
5
0
5
3
2
1
0
Input Voltage, VIN (V)
VIN-VOUT:100kΩ
Ta=25℃ / 80℃
1
3
4
81N33
4
2
5
0
5
3
2
1
0
Input Voltage, VIN (V)
VIN-VOUT:100kΩ
Ta=25℃/ 80℃
13
4
81N35
4
25
0
5
3
2
1
0
Input Voltage, VIN (V)
VIN-VOUT:100kΩ
Ta=25℃/ 80℃
(5) N-CHANNEL DRIVRE OUTPUT CURRENT vs. VDS
0.0
12
81N16
1.0
0.5
1.5
2.0
0
15
9
6
VDS (V)
3
Ta=25℃
VIN=1.5V
1.0V
0.2
0.6
1200
81N16
0.8
0.4
1.0
0
1400
1000
800
600
0
400
200
Ta=25℃
VIN=0.8V
0.7V
VDS (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com