Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

81N14-H-AB3-I-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # 81N14-H-AB3-I-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N14-H-AB3-I-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button 81N14-H-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N14-H-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N14-H-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies 81N14-H-AB3-I-R Datasheet HTML 10Page - Unisonic Technologies 81N14-H-AB3-I-R Datasheet HTML 11Page - Unisonic Technologies 81N14-H-AB3-I-R Datasheet HTML 12Page - Unisonic Technologies 81N14-H-AB3-I-R Datasheet HTML 13Page - Unisonic Technologies 81N14-H-AB3-I-R Datasheet HTML 14Page - Unisonic Technologies 81N14-H-AB3-I-R Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 15
www.unisonic.com.tw
QW-R502-039,I
TYPICAL PERFORMANCE CHARACTERISTICS(Cont.)
0.5
1.5
25
81N25
2.0
1.0
2.5
0
30
20
15
0.0
10
5
Ta=25℃
VIN=2.0V
1.5V
VDS (V)
0.2
0.6
1000
0.8
0.4
1.0
0
1200
800
600
0.0
400
200
Ta=25℃
VIN=0.8V
0.7V
81N25
VDS (V)
0.5
1.5
25
81N27
2.0
1.0
2.5
0
30
20
15
0.0
10
5
Ta=25℃
VIN=2.0V
1.0V
VDS (V)
0.2
0.6
1000
0.8
0.4
1.0
0
1200
800
600
0.0
400
200
Ta=25℃
VIN=0.8V
0.7V
81N27
VDS (V)
0.5
1.5
25
81N28
2.0
1.0
2.5
0
30
20
15
0.0
10
5
Ta=25℃
VIN=2.0V
1.0V
VDS (V)
0.2
0.6
250
0.8
0.4
1.0
0
300
200
150
0.0
100
50
Ta=25℃
VIN=0.8V
0.7V
81N28
VDS (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com